20050 sw 112th ave. tualatin, or 97062 phone: 503-612-2300 800-275-4899 fa x: 503-612-2383 website: www.cui.com rohs 4.0 0.157 2.5 0.098 e t a d n o i t p i r c s e d . v e r 6 0 0 2 / 4 / 5 g n i w a r d w e n a x.xxx 0.05mm brass b lack color nickel brass a material cover pin barrel terminals tip insulator plating brass pbt nickel x.xx 0.1mm x.x 0.2mm tolerance: nickel life: 5,000 cycles operating temp: 0 ~ + 40 c specifications: rating: 24v dc @ 7a insulation resistance: 100m ohms min: 500v dc voltage withstand: 500v ac r.m.s. for 1 minute pe zrj dc power plug copyright 2007 by cui inc. title: mm [inches] PP-016 PP-016 pc f ile n a me: appr oved by: dra wn by: uni t s : par t n o . 2 : 1 s c ale: r ev: 4.30 1.40 9.1 0 .358 0.059 1.5 0.256 9.5 0 .374 6.0 1.0 0.039 6.5 0.236 0.315 8.0 34.0 1.339
|